PART |
Description |
Maker |
807-22-001-30-000101 |
Spring-Loaded Insulated Spring Pin Spring-Loaded Header
|
Mill-Max Mfg. Corp.
|
0907-5-15-20-75-14-11-0 0934-0-15-20-74-14-26-0 09 |
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts BERYLLIUM COPPER, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
0851-0-15-20-82-14-11-0 0850-0-15-20-83-14-11-0 |
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
|
Mill-Max Mfg. Corp.
|
806-22-001-30-010191 |
Spring-Loaded Pin with Removable Pick and Place Cap
|
Mill-Max Mfg. Corp.
|
0473100041 473100041 |
2.50mm (.098") Pitch Pogo Pin Connector, SMT, Vertical, Contact Pin: 1.02渭m (40渭") Gold (Au) Plating over 120-200渭" Nickel, with Pick-and-Place Cap, 2 Circuits
|
Molex Electronics Ltd.
|
471199001 0471199001 |
4.00mm (.157) Pitch Pogo Pin Connector, SMT, Vertical, 4.00mm (.157) Action Height, 92g Maximum Contact Force, 2 Circuits, Contact 0.30μm (12μ) Gold (Au) Plating
|
Molex Electronics Ltd.
|
817-22-072-30 |
Interconnect Header Spring-Loaded Header Double Row Surface Mount
|
Maxim Integrated Products Mill-Max Mfg. Corp.
|
829-22-016-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount SIngle Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-017-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-008-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|